|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ALUMINUM ELECTROLYTIC CAPACITORS TM Timer Circuit Use series Ideally suited for timer circuits. Excellent leakage current stability, even subjected to load or no load at high temperature for a long time. Adapted to the RoHS directive (2002/95/EC). KL High Stability TM Performance Characteristics Specifications Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan - 40 ~ +85C 10 ~ 50V 1 ~ 470F 20% (M) (10% (K) semi-standard) at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is 0.001CV+1 (A) or less. Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.) 10 0.17 16 0.13 10 2 4 16 2 3 25 0.10 25 1.5 2 50 0.08 50 1.5 2 Within 10% of initial value 150% or less of initial specified value Initial specified value or less Measurement frequency : 120Hz Stability at Low Temperature Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C Endurance After 2000 hours' application of rated voltage at 85C, capacitors meet the characteristics requirements listed at right. Capacitance change tan Leakage current Shelf Life Marking After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve. Radial Lead Type Sleeve (P.E.T.) Bd Type numbering system (Example : 10V 33F) +0.5MAX. UTM 1 A 3 3 0 MPD P 0.5 Pressure relief vent L+1MAX. 15MIN 4MIN 1 2 3 4 5 6 7 8 9 10 11 Configuration Capacitance tolerance (M : 20%, K : 10%) Rated Capacitance (33F) Rated voltage (10V) Series name Type Configuration Pb-free leadwire BD Pb-free PET sleeve 6.3 ED 8 a 10 PD 12.5 a 16 HD BD BD 6.3 8 10 12.5 16 P 2.5 3.5 5.0 5.0 7.5 Bd 0.5 0.6 0.6 0.6 0.8 (mm) * Please refer to page 21 about the end seal configulation. Dimensions Cap. (F) V Code 10 1A 16 1C 25 1E 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 10 x 20 12.5 x 25 12.5 x 25 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 20 12.5 x 25 16 x 25 16 x 25 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 16 12.5 x 20 16 x 25 16 x 25 16 x 31.5 D x L (mm) 50 1H 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 31.5 Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity. CAT.8100V |
Price & Availability of UTM1H220MED |